PART |
Description |
Maker |
NCC2222AUB |
800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
MICROSEMI CORP
|
BC338-16 BC338-25 BC338-40 BC337-25 BC337-40 BC337 |
Amplifier Transistor 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Motorola Mobility Holdings, Inc. Motorola, Inc. MOTOROLA[Motorola, Inc]
|
2N1987 2N1990 2N2237 2N2102A 2N2309 2N2405 2N2479 |
Leaded Small Signal Transistor General Purpose SMALL SIGNAL TRANSISTORS 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 SMALL SIGNAL TRANSISTORS 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 CABLE TIE MINI NAT 4.2,1 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
CENTRAL[Central Semiconductor Corp] Seme LAB Raytheon Company ETC Central Semiconductor Corp. Central Semiconductor, Corp.
|
2SC2235-X-T9N-B 2SC2235-X-T9N-K 2SC2235G-X-T9N-B 2 |
AUDIO POWER AMPLIFIER APPLICATIONS DRIVER STAGE AMPLIFIER APPLICATIONS 800 mA, 120 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies UNISONIC TECHNOLOGIES CO LTD
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
2N2222ADS-1 2N2222AXC-1 2N2222ADC-1 2N2222AX-1 2N2 |
Circular Connector; No. of Contacts:16; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:21; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:21-16 SWITCHING TRANSISTOR NPN SILICON 800 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
MICROSEMI CORP-LAWRENCE http:// Microsemi Corporation Microsemi, Corp. MICROSEMI CORP-LOWELL
|
CSC1730R CSC3199Y CN451 TIS86 MPSA43 MPSH32 |
150 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 VHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92 500 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BC338TFR BC33825BU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 800 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
|